this document was generated on 05/19/2010 please check www.molex.com for latest part information part number: 0643204319 status: active overview: cmc_connectors description: .635mm (.025"), 1.50mm (.059"), cmc receptacle, 36 circuits, right wire output, brown coding, mat sealed, row 1 closed documents: 3d model application specification (pdf) drawing (pdf) rohs certificate of compliance (pdf) general product family crimp housings series 64320 comments * current tested on a 5 terminals loaded connector, current for temperature increase of 40c . current max = 6.0a for 0.635mm terminal (0.75mm2 wire) and 12.0a for 1.5mm terminal (2.0mm2 wire) * more detailed tech information sealed, high-density, modular connecting system for power train and body electronics applications in cars, trucks, busses overview cmc_connectors product name cmc physical circuits (maximum) 36 circuits detail 6 x 1.5mm, 30 x 0.635mm terminals color - resin brown gender female glow-wire compliant no keying to mating part yes lock to mating part yes material - resin polyester number of rows 4 packaging type carton panel mount no pitch - mating interface (in) 0.100 in, 0.146 in pitch - mating interface (mm) 2.54 mm, 3.70 mm polarized to mating part yes stackable no temperature range - operating -40c to +125c electrical current - maximum per contact 12a, 6a material info reference - drawing numbers packaging specification pk-64320-001 sales drawing sd-64320-003 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 64320 series mates with 36638 cmc header use with cmc cp female terminal 64322 , 64323. circuit way plugs 643251010 , 643251023. cmc wire cap 643201301. cmc 48 circuit header 36638 this document was generated on 05/19/2010 please check www.molex.com for latest part information
|